PART |
Description |
Maker |
IC61SF12836 IC61SF12832 IC61SF12832-7.5B IC61SF128 |
SYNCHRONOUS STATIC RAM, Flow Through 128K x 32 Flow Through SyncBurst SRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
17570 17570-5 |
HTSNK. A X-FLOW. .911 LOW FLOW. THRU HOLE
|
VICOR[Vicor Corporation]
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
MCM63F919TQ7R MCM63F919ZP8.5 MCM63F919ZP8.5R MCM63 |
256K x 36 and 512K x 18 Bit Flow??hrough BurstRAM Synchronous Fast Static RAM 256K x 36 and 512K x 18 Bit Flow?Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc
|
IDTQS3VH16861PA IDTQS3VH16861PAG IDTQS3VH16861PV I |
2.5V/3.3V 20-Bit Flow-Through Pin Out, High Bandwidth Bus Switch
|
IDT Integrated Device Technology
|
5962-01A1801QYC 5962-01A1801QZC 5962-01A1801VYC 59 |
16-Bit Flow-Through EDAC Error Detection And Correction unit
|
ATMEL Corporation
|
MCM63F733ATQ11 MCM63F733ATQ11R MCM63F733ATQ10 MCM6 |
128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
SMKR-29C516E-31SB 29C516E MMFR-29C516E-31SB MMKR-2 |
97-3106A14S-5S 16 Bit Flow Through EDAC Error Detection And Correction unit
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
MCM63F733A MCM63F733ATQ10 MCM63F733ATQ11 MCM63F733 |
128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc.
|
IDT72P51549 |
1.8V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION
|
Integrated Device Technology
|
IDT72T51543 IDT72T51543L5BB IDT72T51543L5BBI IDT72 |
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
|
IDT[Integrated Device Technology]
|
QS3VH861QG |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Technolog...
|